Part Number Hot Search : 
50500 00144 L01502 CEP02N6 2SK1316L D2547P17 MR3025 C1514
Product Description
Full Text Search
 

To Download STYN255 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STYN255 thru STYN855
Discrete Thyristors(SCRs)
Dimensions TO-247AD
G A K
Dim. A B C D E F G H
Millimeter Min. Max. 19.81 20.32 20.80 21.46 15.75 16.26 3.55 3.65 4.32 5.4 1.65 1.0 10.8 4.7 0.4 1.5 5.49 6.2 2.13 4.5 1.4 11.0 5.3 0.8 2.49
Inches Min. Max. 0.780 0.819 0.610 0.140 0.170 0.212 0.065 0.040 0.426 0.185 0.016 0.087 0.800 0.845 0.640 0.144 0.216 0.244 0.084 0.177 0.055 0.433 0.209 0.031 0.102
A
G K
J K L M N
ABSOLUTE RATINGS (limiting values)
Symbol IT(RMS) IT(AV) ITSM Parameter RMS on-state current (180 conduction angle) Average on-state current (180 conduction angle) Non repetitive surge peak on-state current It Value for fusing Critical rate of rise of on-state current _ IG = 2 x IGT , tr < 100 ns Peak gate current Average gate power dissipation Storage junction temperature range Operating junction temperature range Maximum peak reverse gate voltage (for TN8 & TYN only) F = 60 Hz tp = 20 s tp = 8.3 ms tp = 10 ms Tj = 25C Tj = 25C Tj = 125C Tj = 125C Tj = 125C Tc = 75C Tc = 75C Value 55 35 610 580 1680 50 8 1 - 40 to + 150 - 40 to + 125 5 A2S A/s A W C V Unit
A A A
I t dI/dt IGM PG(AV) Tstg Tj VRGM
.
STYN255 thru STYN855
Discrete Thyristors(SCRs)
ELECTRICAL CHARACTERISTICS (Tj = 25C, unless otherwise specified)
Symbol IGT VD = 12 V VGT VGD IH IL dV/dt VTM Vt0 Rd IDRM IRRM VD = VDRM IT = 500 mA IG = 1.2 IGT VD = 67 % VDRM Gate open Tj = 125C Tj = 25C Tj = 125C Tj = 125C Tj = 25C Tj = 125C RL = 3.3 kW Gate open Tj = 125C RL = 33 W Test Conditions MIN. MAX. MAX. MIN. MAX. MAX. MIN. MAX. MAX. MAX. MAX. TYNx08(S) 8 80 1.3 0.2 150 200 1000 1.9 1.0 8.5 10 5 V V mA mA V/s V V mW A mA Unit mA
ITM = 100 A tp = 380 s Threshold voltage Dynamic resistance VDRM = VRRM
THERMAL RESISTANCES
Symbol Rth(j-c) Rth(j-a) J unction to case (DC) Junction to ambient (DC) Parameter Value 0.9 50 Unit C/W C/W
S= copper surface under tab
PRODUCT SELECTOR
Voltage (xxx) Part Number Sensitivity Package
STYN x55
200~~800
80 mA
TO-247AD
OTHER INFORMATION
Part Number STYN x55
Note: x = voltage
Marking STYN x55
Weight 4.5 g
Base Quantity 120
Packing mode B ulk
.


▲Up To Search▲   

 
Price & Availability of STYN255

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X